PART |
Description |
Maker |
74LVXZ161284 74LVXZ161284MTX 74LVXZ161284MEX 74LVX |
2K, 258 X 8 or 128 X 16, SER EE, -40C to 85C, 8-TSSOP, TUBE 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-MSOP, T/R BUS TRANSCEIVER|SINGLE|8-BIT|LVX-CMOS|SSOP|48PIN|PLASTIC 2K, 258 X 8 or 128 X 16, SER EE, -40C to 125C, 8-TSSOP, T/R Low Voltage IEEE 161284 Translating Transceiver
|
Fairchild
|
OPB871N51TX OPB871N51TV OPB872N51TV |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE 256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 208mil, TUBE Photo Gap Detector
|
|
SML-D13Y8W SML-D13P8W SML-D12D8W SML-D13D8W |
SML-D1 Series EXCELED
|
Rohm
|
24LC32A-I/MS |
32K, 4K X 8, 2.5V SER EE IND, -40C to 85C, 8-MSOP, TUBE
|
Microchip Technology
|
74LVT16244MEAX |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-TSSOP, T/R 位缓冲器/驱动
|
Bourns, Inc.
|
CAT24C03TDI-GT3 CAT24C03TDI-T3 CAT24C05LI-T3 CAT24 |
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection 2 kb I<sup>2</sup>C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
74LVT16245B 74LVT16245BEV |
74LVT16245B; 3.3 V LVT 16-bit transceiver (3-State) 32K, 4K X 8, 2.5V SER EE EXT, -40C to 125C, 8-SOIC 150mil, TUBE
|
Philips
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
AT24C02AY1-10YI-2.7 AT24C04AY1-10YI-2.7 AT24C04AY1 |
256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2 X 3 MM, 0.50 MM PITCH, LEAD AND HALOGEN FREE, MO-229, DFN-8
|
Atmel, Corp.
|
1-1218437-0 |
Subminiature D Pin/Socket Connectors for MIL-C-24308 and MIL-C-39029; R/A RCP ASSY 50 POS SER 109 ( AMP )
|
Tyco Electronics
|
CAT24C08J14-2.5TE13 CAT24C08J14-2.7TE13 CAT24C08J- |
1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 0.150 INCH, SOIC-14 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, SOIC-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, DIP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Stackpole Electronics, Inc. HIROSE ELECTRIC Co., Ltd.
|
REC15-1205SRWBZ REC15-1205SRWB REC15-XX24SRWBZ REC |
15W DC/DC converter with 68V input, -12/ -625mA output ECONOLINE - DC/DC - CONVERTER REC15-S/DRWB(z)的辑。,15W的功率,2 × 2,雷古尔。,宽输2(单和双输出 REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output) REC15-S/DRWBz)的辑。,15W的功率,2 × 2,雷古尔。,宽输(单和双输出 REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output) REC15-S/DRWB(z)的辑。,15W的功率,2 × 2,雷古尔。,宽输4(单和双输出
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
|